Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download DRAN60-12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DRAN60 SERIES
FOR DC BACKUP SYSTEM
AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
FEATURES
COMPACT DESIGN SIMPLE IN APPLICATION LOW PRICING WORKABLE FOR BOTH POWER SUPPLY / DC BACKUP SYSTEM
SELECTION CHART
DRAN 60 - 24 A *
Wattage 12 : 13.6V OUT 24 : 27.2V OUT 48 : 54.5V OUT DC Backup System SCREW TERMINALS
MODEL LIST
MODEL NO. INPUT VOLTAGE
85~264 VAC 85~264 VAC 85~264 VAC
OUTPUT OUTPUT WATTAGE VOLTAGE Single Output Models
60 WATTS 60 WATTS 60 WATTS + 13.6 VDC + 27.2 VDC + 54.5 VDC
OUTPUT CURRENT
4.4 A 2.2 A 1.1 A
EFF. (min.)
84% 86% 86%
EFF. (typ.)
86% 89% 89%
DRAN60-12A* DRAN60-24A* DRAN60-48A*
--
+
++ Rdy
Rdy K1 Fuse D1 K1 BATTERY LOAD
DRAN60 Series
DRAN60 Series For DC Backup System Application Note 1.The suffix "*" is part of the model number, which specifies the product is designed and pre-trim for low-cost DC backup power system with external Lead-Acid battery, Relay and Fuse. 2.The manufacturer is liable neither for the external components nor the damage to the power supply causing by external components. 3.The total consumption current including loading and battery charging current should not exceed the maximum rated current of power supply. 4.The operation concept of DC backup power system A. When AC power alive The "Rdy" is close circuit to active the external Relay . The power supply feeds current into the external loads and charges through Relay to the external battery as well. B. When AC power interrupted The "Rdy" is remain close circuit to maintain the external Relay remain active, the external battery supply current to the external loads. C. When Battery power low The "Rdy" become open circuit and the external Relay become inactive to disconnect the battery from external loads.
www.chinfa.com 2008.03.28
sales@chinfa.com
FOR DC BACKUP SYSTEM
DRAN60 SERIES
IND. CONT. EQ.
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
o
GENERAL
Characteristics
Isolation voltage Isolation resistance Ambient temperature Derating Storage temperature Relative humidity Dimension Cooling Case material
Conditions
Input / Output Input / Output, @ 500VDC Operating at Vi nom Vi nom,from +61 C to +71 C Non operational Vi nom, Io nom L90 x W40.5 x D115 Free air convection Plastic
o o
min.
3,000 100 -25 -25 20
typ.
max.
unit
VAC M
+ 71 2.5 + 85 90
o o
C C
%/ C
o
% RH mm
INPUT SPECIFICATIONS
Characteristics
Rated input voltage Input voltage range Line frequency Inrush current Io nom Ta min ... Ta max, Io nom Vi nom, Io nom Io nom Vi : 115VAC Vi : 230VAC AC in DC in
Conditions
min.
100 85 90 47
typ.
max.
240 264 375 63 30 60
unit
VAC VAC VDC Hz A A
OUTPUT SPECIFICATIONS
Characteristics
Output voltage accuracy Minimum load Line regulation Load regulation Turn on time Voltage fall time Voltage rise time Hold up time Ripple & noise Voltage trim range Vi nom Io nom, Vi min ...Vi max Vi nom, Io min ...Io nom After AC is applied to input at full resistive load Io nom, Vo=95% ~ 10% rated voltage At full resistive load Io nom Vi : 115VAC Vi : 230VAC Vi nom, Io nom, BW = 20MHz Vi nom, Wo =60W max 12V model Vi nom, Wo =60W max Vi nom, Wo =60W max Rdy on / DC ON indicator threshold at start up Vi nom, Io nom 24V model 48V model 12V model 24V model 48V model Rdy off threshold after start up Vi nom, Io nom 12V model 24V model 48V model www.chinfa.com 2008.03.28 25 20 30 12 24 48 10.4 / 9.1 21.2 / 18.7 42.8 / 36.5 10.3 21.1 42.7 50 14 28 55 11.4 / 10.1 22.2 / 19.7 43.8 / 37.5 11.3 22.1 43.7
Conditions
Vi nom, Io min ...Io nom
min.
0
typ.
max.
1 0.5 0.5 1,000 150 150
unit
% % % % ms ms ms ms ms mV VDC VDC VDC VDC VDC VDC VDC VDC VDC sales@chinfa.com
FOR DC BACKUP SYSTEM
DRAN60 SERIES
IND. CONT. EQ.
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25oC Unless Otherwise Noticed
CONTROL AND PROTECTION
Characteristics
Rated over load protection Over voltage protection Vi nom Vi nom, Io nom 12V model 24V model 48V model Output short circuit Vi nom, Io nom
Conditions
min.
105 15 30 60 Fold forward
typ.
max.
125 16.5 33 66
unit
% VDC VDC VDC
APPROVALS AND STANDARDS
UL / cUL TUV CE UL508 Listed UL1310 Class 2 power supply (12V w/o class 2), UL60950-1 Recognized EN60950-1 EN61000-6-3, EN55022 Class B EN61000-3-2, EN61000-3-3 EN61000-6-2, EN55024, EN61000-4-2, EN61000-4-3, EN61000-4-4, EN61000-4-5, EN61000-4-6, EN61000-4-8, EN61000-4-11
MECHANISM & PIN CONFIGURATION
mm [inch]
40.5 [1.59]
115 [4.53]
54321
CONSTRUCTION
Easy snap-on mounting onto the DIN-Rail (TS35/7.5 or TS35/15), unit sits safely and firmly on the rail; no tools required even to remove
-90.0 [3.60]
++ Rdy
INSTALLATION
Vout ADJ.
DC ON
Ventilation / Cooling Normal convection All sides 25mm free space For cooling recommended Connector size range Solid:0.2-2.0mm2(AWG24-14) (use copper conductors only)
NL 678
93.8 [3.75]
www.chinfa.com 2008.03.28
sales@chinfa.com
FOR DC BACKUP SYSTEM
DRAN60 SERIES
IND. CONT. EQ.
CIRCUIT SCHEMATIC
Block diagram for DRAN60 series
L Fuse
Line Filter
N
Inrush Current Switching Limiter and Device Rectifier
Vo +
Rectifier
Vo -
PWM Controller
Y Y Y
Opto Isolation Opto Isolation
Reference & Error Amp. Over Voltage Detection Output Level Detection
Vout ADJ.
DC ON (Green LED)
RDY (Open Collector)
PHYSICAL CHARACTERISTICS
CASE SIZE CASE MATERIAL WEIGHT 90 x 40.5 x 115 mm Plastic 360g 3.6 x 1.59 x 4.53 inches
PIN ASSIGNMENT
PIN NO.
1 2
OUT
Designation
RDY + + IN
Description
DC OK output for relay Positive output terminal Positive output terminal Negative output terminal Negative output terminal Ground this terminal to minimize high-frequency emissions Input terminals (neutral conductor, no polarity at DC input) Input terminals (phase conductor, no polarity at DC input) Trimmer-potentiometer for Vout adjustment Operation indicator LED
3 4 5 6 7 8
N L Vout ADJ. DC ON
DERATING
100 Power out [ % ] 75
0 -25
www.chinfa.com 2008.03.28
OTHER
Temperature [ oC ]
61
71
sales@chinfa.com


▲Up To Search▲   

 
Price & Availability of DRAN60-12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X